|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOSDESIGN SEMICONDUCTOR CORP. PIR CONTROLLER M7616 DC PIR CONTROLLER GENERAL DESCRIPTION The M7616 is a low power PIR ( passive infra-red ) controller LSI designed for battery powered can be used in many application. The chip contains operation amplifiers, comparators, timer ,a voltage regulator, 2 oscillator and control circuits. An CDS device is installed externally to cut off the operation of M7616 during the day time. FEATURES High noise immunity. Low stand-by current < 50A @3.0V RELAY Driver only. Adjustable play on duration and latch duration. CDS input conditionally. 16 pin DIP or SOP package. APPLICATIONS PIR light controller, Motion Detector, Alarm system, Auto-door bell. PIN DESCRIPTION PIN 1 2 Pin Name I/O RETG Relay Description Trigger type selection I VDDRetriggerVSSNon-Retrigger O Relay driver output through external NPN transistor. Active high. Delay timing oscillator connect to external RC to adjust output active duration when trigged. output active duration Tx 110000xR10xC6 Trigger latch timing oscillator connect to external RC to adjust latch active duration when trigged. latch active duration Ti 110xR9xC7 Negative power supply I Normally connect to VDD, connect to VSS to reset Timer . Connect to the CDS voltage divider for daytime/night auto detecting,. I When Vcds RETG RELAY RR1 RC1 RC2 RR2 VSS RESET M7616P 1 16 1OUT 1IN1IN+ 2IN2OUT VDD 3,4 RR1/ RC1 5,6 RC2/ RR2 7 8 9 VSS RESET CDS 8 9 CDS 11 VDD 12 2OUT 13 2IN14 1IN+ 15 1IN16 1OUT 1/4 2007-03-12 MOSDESIGN SEMICONDUCTOR CORP. PIR CONTROLLER M7616 DC PIR CONTROLLER BLOCK DIAGRAM RR2 RC2 RR1 RC1 RESET RETG CDS 0.2VDD 1IN+ 1IN1OUT Ti OSC LATCH TIMMER RELAY Tx OSC DELAY TIMMER CONTROL LOGIC + - WINDOW + 0.5VDD + 0.7VDD REF. DETECTOR PULSE WIDTH DETECTOR + 2IN2OUT - 0.3VDD + 0.7VDD 0.5VDD 0.3VDD 0.2VDD VOLTAGE ABSOLUTE MAXIMUM RATING Parameter Power Supply VDD With Respect to VSS Voltage On Any Pin Operating Temperature Storage Temperature Sym. VDD - VSS Top Rating 6 -0.3 to 6 -20 to 70 -65 to 150 Unit V V (TA=25) ELECTRICAL CHARACTERISTICS Characteristics Supply Voltage Operating Current "H" Transfer Voltage "L" Transfer Voltage OP Amp Open Loop Gain OP Amp Input Offset Voltage CDS "H" Transfer Voltage Relay Source Current Sym. VDD IDD VIH VIL AVO Vos Vcds+ IRS Min. 2.0 -- -- -- 60 -- -- Typ. 4.5 -- -- 0.7 VDD 0.3 VDD 80 10 0.2VDD -- Max. 5.5 50 70 -- 0.3 VDD -- 35 -- 10 Unit V A V V dB mV V mA (TA=25) Conditions No load @3.0 volt No load @5.0 volt No load No load 2/4 2007-03-12 MOSDESIGN SEMICONDUCTOR CORP. PIR CONTROLLER M7616 DC PIR CONTROLLER NON-RETRIGGER (RETG=VSS) Signal on UOU2 PIN 0.7VDD 0.3VDD Pulse width detector RETG pin CDS pin RELAY pin Tx Ti Tx Ti Delay time Tx 110000x R10xC6 Latch time Ti 110x R9xC7 RETRIGGER (TRTG=VDD) Signal on UOU2 PIN 0.7VDD 0.3VDD Pulse width detector RETG pin CDS pin RELAY pin Tx Ti Tx Ti Delay time Tx 110000xR10xC6 Latch time Ti 110xR9xC7 3/4 2007-03-12 MOSDESIGN SEMICONDUCTOR CORP. PIR CONTROLLER M7616 DC PIR CONTROLLER APPLICATION DIAGRAM 12V 2~5V RELAY RETG R11 1K R10 RELAY RR1 RC1 RC2 RR2 R9 VSS M7616P 1 16 1OUT C4 1IN1IN+ 2IN2OUT VDD C2 0.033F R2 RESET C6 C7 8 9 CDS C5 33F /16V CDS 680K R8 15K 1.5M 0.033F R1 47K 15K R6 C3 33F /16V C1 0.01F PIR R7 820K Delay Time C6=100pF R10 820 K 750 K 680 K 560 K 430 K 300 K 270 K 180 K 100 K Latch Time C7=0.1uF R9 820 K 750 K 680 K 560 K 430 K 270 K FTI 6 Hz 6.4 Hz 6.8 Hz 8.4 Hz 11.1 Hz 17.8 Hz TI 9 sec 7.5 sec 6 sec 5 sec 4 sec 2 sec FTX 5.8 KHz 6.3 KHz 6.8 KHz 8.3 KHz 10.6 KHz 15.4 KHz 16.9 KHz 25.0 KHz 48.8 KHz TX 9 sec 8 sec 7.5 sec 6 sec 5 sec 3.5 sec 3 sec 2 sec 1.5 sec C6 250 pF 200 pF 180 pF 150 pF 120 pF 82 pF 68 pF 47 pF 33 pF R10=360K FTX 5.6 KHz 6.3 KHz 7.2 KHz 8.4 KHz 10.2 KHz 14.7 KHz 17.9 KHz 25.8 KHz 37.3 KHz TX 9 sec 8 sec 7 sec 6 sec 5 sec 4 sec 3 sec 2 sec 1.5 sec * All specs and applications shown above subject to change without prior notice. (,) 4/4 2007-03-12 |
Price & Availability of M7616 |